Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B 8241-0 Datasheet (PDF) - Turck, Inc.

B 8241-0 Datasheet PDF - Turck, Inc.
Part # B 8241-0
Download  B 8241-0 Download
File Size   146.86 Kbytes
Page   1 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description 4 and 5-Pin Field Wireable Connectors, Standard Key

B 8241-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
B 8241-0 Datasheet PDF - Turck, Inc.

Part # B 8241-0
Download  B 8241-0 Click to download

File Size   146.86 Kbytes
Page   1 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description 4 and 5-Pin Field Wireable Connectors, Standard Key

B 8241-0 Datasheet (HTML) - Turck, Inc.


B 8241-0 Product details

Features
PBT, Black, PG 7 cable gland, accepts
4-6 mm cable diameter, screw
terminals, accepts up to 18 AWG
conductors, 85 °C, 250 V, 4 A, mates
with standard key 4-pin cordsets and
receptacles
PBT, Black, PG 9 cable gland, accepts
6-8 mm cable diameter, screw
terminals, accepts up to 18 AWG
conductors, 85 °C, 250 V, 4 A, mates
with standard key 4-pin cordsets and
receptacles
PBT, Black, PG 9 cable gland, accepts
4-8 mm cable diameter, screw
terminals, accepts up to 18 AWG
conductors, 85 °C, 60 V, 4 A, mates
with standard key 5-pin cordsets and
receptacles
PBT, Black, PG 9 cable gland, accepts
6-8 mm cable diameter, screw
terminals, accepts up to 18 AWG
conductors, metal coupling nut,
85 °C, 60 V, 4 A, mates with standard
key 5-pin cordsets and receptacles




Similar Part No. - B 8241-0

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
B 8241-0 TURCK-B 8241-0 Datasheet
876Kb / 3P
4 and 5-Pin eurofast ® Field Wireable
B 8241-0 TURCK-B 8241-0 Datasheet
1Mb / 1P
4 and 5-Pin Field Wireable Connectors, Standard Key
B 8241-0/PG 9 TURCK-B 8241-0/PG 9 Datasheet
1Mb / 1P
4 and 5-Pin Field Wireable Connectors, Standard Key
More results


Similar Description - B 8241-0

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT140 QUANTUM-QT140 Datasheet
718Kb / 14P
4 AND 5 KEY QTOUCH SENSOR ICs
logo
Vectron International, ...
C5419 VECTRON-C5419 Datasheet
41Kb / 3P
Standard 4-Pin DIP
logo
Molex Electronics Ltd.
84700-0001 MOLEX-84700-0001 Datasheet
164Kb / 2P
RJ-45 Field Wireable Ethernet Connectors
10-18-1049 MOLEX11-10-18-1049 Datasheet
40Kb / 2P
Standard .093" Pin and Socket Connectors
logo
Alpha Wire
203 ALPHAWIRE-203 Datasheet
195Kb / 2P
M12-A Female 5 Pin Field Attachable
logo
Cornell Dubilier Electr...
380LX153M035A022 CDE-380LX153M035A022 Datasheet
575Kb / 12P
2, 4 and 5 pin styles available
380LX CDE-380LX_18 Datasheet
1Mb / 12P
2, 4 and 5 pin styles available
logo
Molex Electronics Ltd.
0002096132 MOLEX1-0002096132_18 Datasheet
28Kb / 1P
Standard .093 Pin and Socket Connectors
0003092021 MOLEX1-0003092021_18 Datasheet
39Kb / 2P
Standard .093 Pin and Socket Connectors
logo
Murrelektronik GmbH
7000-29521-0000000 MURR-7000-29521-0000000 Datasheet
282Kb / 2P
SVS valve form A 18mm field-wireable Replaced Art.-No. 3129260
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com